PART |
Description |
Maker |
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
MC5611 MC5610 MC5616 MC5615 MC5612 MC5619 MC5613 M |
Fast Rectifier (100-500ns) FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
FFB05U120S FFB05U120STM |
5.0A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER High voltage and high reliability
|
FAIRCHILD[Fairchild Semiconductor]
|
BYW100-200 BYW100-200RL |
Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
|
STMicroelectronics N.V. ST Microelectronics
|
SRGPP3J |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
|
Gulf Semiconductor
|
1F1G 1F2G 1F3G 1F4G 1F5G 1F6G 1F7G |
Fast Recovery Pack: R-1 FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
FR101G FR102G FR103G FR104G FR105G FR106G FR107G |
Fast Recovery Pack: DO-41 FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
|
Gulf Semiconductor
|
RGPP1A RGPP1B RGPP1D RGPP1G RGPP1J RGPP1K RGPP1M |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
3W 3RW3 3RW2 3W2 3W3 3W2.5 |
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
|
Electronic Devices, Inc.
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|
R2000F R1200F R1500F |
HIGH VOLTAGE FAST RECOVERY RECTIFIER
|
Changzhou Shunye Electr...
|